PART |
Description |
Maker |
85013-3093 0850133093 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0μm (39μ)Selective Gold (Au), 96 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0渭m (39渭")Selective Gold (Au), 96 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Through Hole, Vertical, Style R, 1.0楼矛m (39楼矛")Selective Gold (Au), 96 Circuits
|
Molex Electronics Ltd.
|
85003-0610 0850030610 |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1μm (40μ) Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1渭m (40渭") Selective Gold (Au), 64 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 1楼矛m (40楼矛") Selective Gold (Au), 64 Circuits, Lead free
|
Molex Electronics Ltd.
|
36511-0169 MM-B1440-R963 0365110169 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10μm (43μ) Gold (Au) Plating, Tail Length 13.00mm (.512), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10渭m (43渭") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 1.10楼矛m (43楼矛") Gold (Au) Plating, Tail Length 13.00mm (.512"), 64 Circuits
|
Molex Electronics Ltd.
|
36511-0122 0365110122 MMB1502R963 MM-B1502-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 4.50mm (.177), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
|
Molex Electronics Ltd.
|
0365010121 MM-B2402-C483 36501-0121 |
2.54mm (.100) Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 1.10μm (43μ) Selective Gold (Au) Plating, 32 Circuits 2.54mm (.100") Pitch DIN 41612 C/2 Style Female Receptacle, Vertical, Through Hole, 1.10渭m (43渭") Selective Gold (Au) Plating, 32 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0850420505 85042-0505 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
85042-0294 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
85042-3524 0850423524 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 64 Circuits
|
Molex Electronics Ltd.
|
0850421213 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
0850421079 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C, 96 Circuits
|
Molex Electronics Ltd.
|
|